Part Number Hot Search : 
713MUQ 28C65 NL1027 21332 V375C SKKH92 HAL3727 VLZ10A
Product Description
Full Text Search
 

To Download 9WG5748P5G001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  243  172 ? 0.8 162 ? 0.5 150 ? 0.8 7. 5 ? 0.4 7. 5 ? 0.4 51 ? 0.8 8-  4.5 ? 0.3 10 y +30 300 0 s 8m2
' zm2 ???
 ?;@ awg22 ul1430 55.5 55.5 4-  4.5 55.5 162 ? 0.5  172  168 147 55.5 9.5 2-r4.25 0  1  152 5.5  0.5  1  172  0.4  0.2  4.3  1. 6  1. 6 55.5 ?  162 71.3 ? 1 71.3 ? 1  147  general specifi cations ~ material ???????? frame: aluminum, impeller: plastics (flammability: ul94v-1) ~ expected life ????? refer to specifi cations (indoor,l10: survival rate: 90% at 60 ? , rated voltage, and continuously run in a free air state) ~ lead wire ???????  red  black sensor yellow control brown ~ storage temperature ? 30 ? to  70 ? non-condensing   specifi cations the following nos. have pwm controls and pulse sensors. model no. rated voltage operating voltage range pwm duty cycle t | %  rated current rated input rated speed max. air flow max. static pressure spl operating temperature expected life note) | v | v | a | w | min -1  | m3/min  | cfm | pa | inchh 2 o | db(a) |? | h  9WG5748P5G001 48 40.8 to 55.2 100 2.91 140.0 8,600 15.46 546 1000 4.02 78  10 to  70 40,000/60 ? (70,000/40 ? ) 0 0.21 10.1 2,000 3.59 127 75.1 0.30 40 9wg5748p5h001 100 1.62 78.0 6,500 11.60 410 770 3.09 71 0 0.21 10.1 2,000 3.59 127 75.1 0.30 40 t pwm frequency  25khz note: expected life at 40 ? ambient is just reference value.  17 2 mm  dimensions  unit : mm  splash proof fan  172 mm  150 mm  51 mm  mass  860g  51mm thick(sidecut type wg type), 51mm thick(sidecut type we type) 51mm thick(round type we type) san ace 172w dust resistant device with protection against water jets ip 55 wg type inlet side, outlet side rotating direction air flow direction lead wire type sidecut mounting hole  options  unit : mm  for the fi nger guard model: 109-319j, fi x the fi nger guard to four holes as shown in the diagram. finger guards fan hexagonal nuts screws spring washers plain washers finger guards model  109-319j surface treatment  nickel-chrome plating  silver  color inlet side, outlet side  reference dimension of mounting holes and vent opening  unit : mm  ~ available options: e without sensor pulse sensor
244 0 1200 800 400  ?  pa  dc 48v  inch h 2 o   cfm   m 3 /min  200 1000 600 5101520 
iy 0% pwm ??a? 100% 50% 1.0 0 2.0 3.0 4.0 5.0 100 0 200 300 400 500 600 700 dc 48v 
iy  ?  pa   inch h 2 o   cfm   m 3 /min  0 15 510 700 2.0 1.0 3.0 0 600 900 800 500 400 300 200 100 0% pwm ??a? 100% 50% 0 100 200 300 400 500  ? 0 1200 800 400  pa  pwm ??a? 100 ?  inch h 2 o   cfm   m 3 /min  200 1000 600 5101520 
iy 55.2v 40.8v 48v 1.0 0 2.0 3.0 4.0 5.0 100 0 200 300 400 500 600 700  ? pwm ??a? 100 ? 
iy  pa   inch h 2 o   cfm   m 3 /min  2.0 1.0 3.0 0 0 15 510 700 600 900 800 500 400 300 200 100 40.8v/48v/55.2v 0 100 200 300 400 500 0 100 ?y dc48v pwm * t
: 25khz pwm ??a???? %   s 8  s min -1  1,000 2,000 3,000 4,000 5,000 6,000 7,000 8,000 9,000 8,600min -1 2,000min -1 0 100 ?y dc48v pwm * t
: 25khz pwm ??a???? %   s 8  s min -1  2,000min -1 1,000 2,000 3,000 4,000 5,000 6,000 7,000 8,000 9,000 6,500min -1 9WG5748P5G001 9wg5748p5h001 9WG5748P5G001 9wg5748p5h001 9WG5748P5G001 9wg5748p5h001  172  0.5 ? 1  148  162  62.2  1. 6  1.6 4.3  0.4 3.2 y 0 ? 1 ? 0.2  148  162  172  1.6  1.6  152 4.3 9.5 y 0 ? 1  0.4 ? 0.2 ? 1  0.5 splash proof fan 172mm  air flow - static pressure characteristics pwm duty cycle operating voltage range  pwm duty - speed characteristics example  static pressure  static pressure  static pressure  static pressure  air flow  air flow  air flow  air flow pwm duty cycle 100 ? pwm duty cycle 100 ? pwm duty cycle pwm duty cycle  rotation speed  min -1   rotation speed  min -1  pwm duty cycle  %  pwm duty cycle  %  voltage  48v dc pwm frequency  25khz voltage  48v dc pwm frequency  25khz inlet side, outlet side outlet side  options  unit : mm  model  109-320 surface treatment  nickel-chrome plating  silver  color finger guards model  109-319e  109-319h surface treatment  nickel-chrome plating  silver   cation electropainting  black  color for the fi nger guard model: 109-319e, 109-319h, 109-320, fi x the fi nger guard to two holes as shown in the diagram. do not fi x it to any other holes. plain washers finger guards screws spring washers hexagonal nuts fan


▲Up To Search▲   

 
Price & Availability of 9WG5748P5G001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X